Part Number Hot Search : 
SP200 ITSX93C 00140 TIC256 1N3701B C4885 2N3644 CX9SM
Product Description
Full Text Search
 

To Download IRF1404L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -93853C
HEXFET(R) Power MOSFET
Advanced Process Technology Ultra Low On-Resistance l Dynamic dv/dt Rating l 175C Operating Temperature l Fast Switching l Fully Avalanche Rated Description (R)
l l
IRF1404S IRF1404L
D
VDSS = 40V
G S
RDS(on) = 0.004 ID = 162A
Seventh Generation HEXFET Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible onresistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRF1404L) is available for lowprofile applications.
D2Pak IRF1404S
TO-262 IRF1404L
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
162 115 650 3.8 200 1.3 20 519 95 20 5.0 -55 to +175 -55 to +175 300 (1.6mm from case )
Units
A W W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient (PCB mounted, steady-state)*
Typ.
--- ---
Max.
0.75 40
Units
C/W
www.irf.com
1
5/18/01
IRF1404S/L
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS Ciss Coss Crss Coss Coss Coss eff.
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance
Min. 40 --- --- 2.0 106 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units Conditions --- --- V VGS = 0V, ID = 250A 0.036 --- V/C Reference to 25C, ID = 1mA 0.00350.004 VGS = 10V, ID = 95A --- 4.0 V VDS = 10V, ID = 250A --- --- S VDS = 25V, ID = 60A --- 20 VDS = 40V, VGS = 0V A --- 250 VDS = 32V, VGS = 0V, TJ = 150C --- 200 VGS = 20V nA --- -200 VGS = -20V 160 200 ID = 95A 35 --- nC VDS = 32V 42 60 VGS = 10V 17 --- VDD = 20V 140 --- ID = 95A ns 72 --- RG = 2.5 26 --- RD = 0.21 Between lead, nH 7.5 --- and center of die contact 7360 --- VGS = 0V 1680 --- VDS = 25V 240 --- pF = 1.0MHz, See Fig. 5 6630 --- VGS = 0V, V DS = 1.0V, = 1.0MHz 1490 --- VGS = 0V, VDS = 32V, = 1.0MHz 1540 --- VGS = 0V, VDS = 0V to 32V
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 162 showing the A G integral reverse --- --- 650 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 95A, VGS = 0V --- 71 110 ns TJ = 25C, IF = 95A --- 180 270 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11) Starting TJ = 25C, L = 0.12mH RG = 25, I AS = 95A. (See Figure 12)
Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A
ISD 95A, di/dt 150A/s, VDD V(BR)DSS,
TJ 175C
Use IRF1404 data and test conditions.
Pulse width 300s; duty cycle 2%. * When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
2
www.irf.com
IRF1404S/L
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
100
4.5V
4.5V
10 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
10 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.5
ID = 159A
I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 175 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
2.0
1.5
100
1.0
0.5
10 4.0
V DS = 25V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF1404S/L
12000
VGS , Gate-to-Source Voltage (V)
10000
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 95A VDS = 32V VDS = 20V
16
C, Capacitance (pF)
8000
Ciss
12
6000
8
4000
Coss
2000
4
Crss
0 1 10 100 0 0 40 80 120
FOR TEST CIRCUIT SEE FIGURE 13
160 200 240
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
10000
OPERATION IN THIS AREA LIMITED BY RDS(on)
ISD , Reverse Drain Current (A)
TJ = 175 C
100
ID , Drain Current (A)
1000 10us 100us 1ms 10 10ms
100
TJ = 25 C
10
1 0.4
V GS = 0 V
0.8 1.2 1.6 2.0 2.4
1 1
TC = 25 C TJ = 175 C Single Pulse
10 100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF1404S/L
200
VDS
LIMITED BY PACKAGE
RD
VGS
160
D.U.T.
+
RG
I D , Drain Current (A)
-VDD
120
10V
Pulse Width 1 s Duty Factor 0.1 %
80
Fig 10a. Switching Time Test Circuit
40
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.1 0.10 0.05 0.02 0.01 PDM t1 SINGLE PULSE (THERMAL RESPONSE) t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.001 0.01 0.1 1
0.01 0.00001
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF1404S/L
1 5V
EAS , Single Pulse Avalanche Energy (mJ)
1200
TOP BOTTOM
1000
VDS
L
D R IV E R
ID 39A 67A 95A
800
RG
20V tp
D .U .T
IA S
+ V - DD
A
600
0 .0 1
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D SS tp
400
200
0 25 50 75 100 125 150 175
Starting TJ , Junction Temperature( C)
IAS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS VG QGD
V DSav , Avalanche Voltage ( V )
50
48
Charge
46
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
44
50K 12V .2F .3F
42
D.U.T. VGS
3mA
+ V - DS
40 0 20 40 60 80 100
IAV , Avalanche Current ( A)
IG ID
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 12d. Typical Drain-to-Source Voltage Vs. Avalanche Current
6
www.irf.com
IRF1404S/L
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRF1404S/L
D2Pak Package Outline
D2Pak Part Marking Information
THIS IS AN IRF530S WITH LOT CODE 8024 AS S EMBLED ON WW 02, 2000 IN THE AS S EMBLY LINE "L" INT ERNATIONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER F530S DAT E CODE YEAR 0 = 2000 WEEK 02 LINE L
8
www.irf.com
IRF1404S/L
TO-262 Package Outline
TO-262 Part Marking Information
EXAMPLE: T HIS IS AN IRL3103L LOT CODE 1789 AS S EMBLED ON WW 19, 1997 IN T HE AS S EMBLY LINE "C" INT ERNAT IONAL RECT IFIER LOGO PART NUMBER
AS S E MBLY LOT CODE
DAT E CODE YEAR 7 = 1997 WEEK 19 LINE C
www.irf.com
9
IRF1404S/L
D2Pak Tape & Reel Information
TR R
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 (.1 6 1 ) 3 .9 0 (.1 5 3 )
1 .60 (.06 3 ) 1 .50 (.05 9 ) 0 .3 6 8 (.0 14 5 ) 0 .3 4 2 (.0 13 5 )
F E E D D IR E C TIO N 1 .8 5 (.0 7 3 )
1 .6 5 (.0 6 5 )
1 1 .60 (.4 5 7 ) 1 1 .40 (.4 4 9 )
15 .4 2 (.60 9 ) 15 .2 2 (.60 1 )
2 4 .3 0 (.9 5 7 ) 2 3 .9 0 (.9 4 1 )
TRL
10 .9 0 (.42 9 ) 10 .7 0 (.42 1 ) 1.7 5 (.0 69 ) 1.2 5 (.0 49 ) 1 6 .1 0 ( .6 3 4) 1 5 .9 0 ( .6 2 6) 4 .7 2 (.1 3 6) 4 .5 2 (.1 7 8)
FE E D D IR E C T IO N
1 3.50 (.5 32) 1 2.80 (.5 04)
2 7.40 (1.07 9) 2 3.90 (.941 ) 4
3 30 .00 (1 4.1 73) M A X.
6 0.00 (2.36 2) M IN .
N O TE S : 1 . CO M FO R M S TO E IA- 418 . 2 . CO N TR O L LIN G D IM EN S IO N : M ILL IM ET E R . 3 . DIM EN S IO N M EA S UR E D @ H UB . 4 . IN C LU D ES F LA N G E D IS T O R T IO N @ O U T ER ED G E.
26 .40 (1.03 9) 24 .40 (.9 61 ) 3
30 .4 0 (1.19 7) M A X. 4
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.5/01
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF1404L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X